Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download HAU1342-0R8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical dimension : features 25 , 100khz, 1v delt a electronics, inc. (taoyuan plant cpbg) 252, san ying road, kueisan industrial zone, taoyuan shien, 333, t aiwan, r.o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww.com s m t p o w e r i n d u c t o r hau1342, 1350, 1355 & 1375 t ype o c 3.6 3.6 13.5 5.9 7.5 c d g f e a ? b ? 3.8 electrical characteristics : unit : mm/inch a = 12.5 0.5 / 0.492 0. 020 b = 12.5 0.5 / 0.492 0.020 d = 2.40 / 0.094 e = 6.50 / 0.256 f = 7.50 / 0.295 g = 2.40 / 0.094 106 l (uh) li (uh) 20% height "c" (mm/in ch) ma x. o i 2 sat (adc) (m ) max dcr rms i (adc) 3 1 1. lo is the initial inductance and the tolerance of inductance is 20%. 2. isat is the dc current which cause the inductance drop to li. o 3. irms is the dc current which cause the surface temperature of the part increase less than 45 c. oo 4. operating temperature : -20 c to 105 c ( including self-temperature rise ). recommended pad pa tterns HAU1342-0R8 0.8 0.6 2.5 30 34 4.2 / 0.165 hau1342-1r4 1.4 1.2 3.4 20 22 4.2 / 0.165 hau1342-2r2 2.2 1.8 4.3 14 20 4.2 / 0.165 hau1350-0r7 0.7 0.6 1.2 40 34 5.0 / 0.197 hau1350-1r2 1.2 0.9 1.5 34 30 5.0 / 0.197 hau1355-0r3 0.3 0.24 0.6 45 40 5.5 / 0.217 hau1355-0r7 0.7 0.55 1.2 38 32 5.5 / 0.217 hau1355-1r2 1.2 0.9 1.5 34 28 5.5 / 0.217 hau1355-1r9 1.9 1.5 4.0 22 20 5.5 / 0.217 hau1355-2r7 2.7 2.2 4.7 20 16 5.5 / 0.217 hau1355-3r6 3.6 2.9 5.6 18 14 5.5 / 0.217 hau1355-4r8 4.8 3.8 6.4 16 12 5.5 / 0.217 hau1355-6r4 6.4 5.0 10.0 13 10 5.5 / 0.217 hau1375-1r2 1.2 0.9 1.5 45 30 7.5 / 0.295 rohs compliant. low profile, smd type. high current. magnetic shielded. high energy storage and low dcr. provided with embossed carrier tape packing. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor applications. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements.


▲Up To Search▲   

 
Price & Availability of HAU1342-0R8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X